Part Number Hot Search : 
ZM2CY60W NP109N D1246 MT8960 AH285 MB86941 L6229Q PLT09H
Product Description
Full Text Search
 

To Download APM4101KC-TRG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d u a l n - c h a n n e l e n h a n c e m e n t m o d e m o s f e t c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - o c t . , 2 0 0 9 w w w . a n p e c . c o m . t w 1 a n p e c r e s e r v e s t h e r i g h t t o m a k e c h a n g e s t o i m p r o v e r e l i a b i l i t y o r m a n u f a c t u r a b i l i t y w i t h o u t n o t i c e , a n d a d v i s e c u s t o m e r s t o o b t a i n t h e l a t e s t v e r s i o n o f r e l e v a n t i n f o r m a t i o n t o v e r i f y b e f o r e p l a c i n g o r d e r s . a p m 4 1 0 1 k f e a t u r e s a p p l i c a t i o n s p i n d e s c r i p t i o n o r d e r i n g a n d m a r k i n g i n f o r m a t i o n n - c h a n n e l m o s f e t 4 0 v / 9 a , r d s ( o n ) = 1 2 m w ( t y p . ) @ v g s = 1 0 v r d s ( o n ) = 2 0 m w ( t y p . ) @ v g s = 5 v s u p e r h i g h d e n s e c e l l d e s i g n r e l i a b l e a n d r u g g e d l e a d f r e e a n d g r e e n d e v i c e s a v a i l a b l e ( r o h s c o m p l i a n t ) t o p v i e w o f s o p - 8 n o t e : a n p e c l e a d - f r e e p r o d u c t s c o n t a i n m o l d i n g c o m p o u n d s / d i e a t t a c h m a t e r i a l s a n d 1 0 0 % m a t t e t i n p l a t e t e r m i n a - t i o n f i n i s h ; w h i c h a r e f u l l y c o m p l i a n t w i t h r o h s . a n p e c l e a d - f r e e p r o d u c t s m e e t o r e x c e e d t h e l e a d - f r e e r e q u i r e m e n t s o f i p c / j e d e c j - s t d - 0 2 0 d f o r m s l c l a s s i f i c a t i o n a t l e a d - f r e e p e a k r e f l o w t e m p e r a t u r e . a n p e c d e f i n e s ? g r e e n ? t o m e a n l e a d - f r e e ( r o h s c o m p l i a n t ) a n d h a l o g e n f r e e ( b r o r c l d o e s n o t e x c e e d 9 0 0 p p m b y w e i g h t i n h o m o g e n e o u s m a t e r i a l a n d t o t a l o f b r a n d c l d o e s n o t e x c e e d 1 5 0 0 p p m b y w e i g h t ) . g1 s1 d1 d1 g2 s2 d2 d2 s1 g1 s2 g2 d1 d1 d2 d2 apm4101 handling code temperature range package code package code k : sop-8 operating junction temperature range c : -55 to 150 o c handling code tr : tape & reel assembly material g : halogen and lead free device apm4101 k : xxxxx - date code assembly material apm4101 xxxxx power management in lcd monitor/tv inverter.
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - o c t . , 2 0 0 9 w w w . a n p e c . c o m . t w 2 a p m 4 1 0 1 k a b s o l u t e m a x i m u m r a t i n g s ( t a = 2 5 c u n l e s s o t h e r w i s e n o t e d ) e l e c t r i c a l c h a r a c t e r i s t i c s ( t a = 2 5 c u n l e s s o t h e r w i s e n o t e d ) symbol parameter rating unit v dss drain - source voltage 40 v gss gate - source voltage 20 v i d * continuous drain current 9 i dm * 300 m s pulsed drain current v gs =10v 40 a i s * diode continuous forward current 2.5 a t j maximum junction temperature 150 t stg storage temperature range - 55 to 150 c t a =25 c 2 p d * maximum power dissipation t a =100 c 0.8 w r q ja * thermal resistance - junction to ambient 62.5 c / w note : *surface mounted on 1in 2 pad area, t 10sec. apm4101k symbol parameter test condition s min. typ. max. unit static characteristics bv dss drain - source breakdown voltage v gs =0v, i ds =250 m a 40 - - v v ds = 32 v, v gs =0v - - 1 i dss zero gate voltage drain current t j =85 c - - 30 m a v gs(th) gate thr eshold voltage v ds =v gs , i ds =250 m a 1.5 2 2.5 v i gss gate leakage current v gs = 20 v, v ds =0v - - 100 na v gs = 10 v, i ds = 9 a - 12 15 r ds(on) a drain - source on - state resistance v gs = 5 v, i ds = 6 a - 20 25 m w diode characteristics v sd a diode forward voltage i sd = 2 .5 a, v gs =0v - 0.75 1.1 v t rr reverse recovery time - 11 - ns q rr reverse recovery charge i s d = 9a, dl s d /dt = 100a/ m s - 20 - nc
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - o c t . , 2 0 0 9 w w w . a n p e c . c o m . t w 3 a p m 4 1 0 1 k e l e c t r i c a l c h a r a c t e r i s t i c s ( c o n t . ) ( t a = 2 5 c u n l e s s o t h e r w i s e n o t e d ) apm4101k symbol parameter test condition s min. typ. max. unit dynamic characteristics b r g gate resistance v gs = 0 v,v ds =0v ,f=1mhz - 1.5 - w c iss input capacitance - 1350 - c oss output capacitance - 210 - c rss reverse transfer capacitance v gs =0v, v ds =20v, f requency =1.0mhz - 150 - pf t d(on) turn - on delay time - 10 19 t r turn - on rise time - 9 17 t d(off) turn - off delay time - 33 60 t f turn - off fall time v dd = 20 v, r l = 20 w , i d s = 1 a, v gen = 10v , r g = 6 w - 11 - ns gate charge characteristics b q g t otal gate charge - 29 42 q gs gate - source charge - 3.8 - q gd gate - drain charge v ds = 20 v, v gs = 10 v, i d s = 9 a - 9.3 - nc note a : pulse test ; pulse width 3 00 m s, duty cycle 2% . note b : guaranteed by design, not subject to production testing .
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - o c t . , 2 0 0 9 w w w . a n p e c . c o m . t w 4 a p m 4 1 0 1 k t y p i c a l o p e r a t i n g c h a r a c t e r i s t i c s d r a i n c u r r e n t s a f e o p e r a t i o n a r e a t h e r m a l t r a n s i e n t i m p e d a n c e p o w e r d i s s i p a t i o n normalized transient thermal resistance p tot - power (w) t j - j u n c t i o n t e m p e r a t u r e ( c ) i d - drain current (a) t j - j u n c t i o n t e m p e r a t u r e ( c ) v d s - d r a i n - s o u r c e v o l t a g e ( v ) s q u a r e w a v e p u l s e d u r a t i o n ( s e c ) i d - drain current (a) 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 2.5 t a =25 o c 1e-4 1e-3 0.01 0.1 1 10 30 1e-3 0.01 0.1 1 2 mounted on 1in 2 pad r q ja : 62.5 o c/w 0.01 0.02 0.05 0.1 0.2 single pulse duty = 0.5 0 20 40 60 80 100 120 140 160 0 2 4 6 8 10 t a =25 o c,v g =10v 0.01 0.1 1 10 100 300 0.01 0.1 1 10 100 rds(on) limit 1s t a =25 o c 10ms 300 m s 1ms 100ms dc
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - o c t . , 2 0 0 9 w w w . a n p e c . c o m . t w 5 a p m 4 1 0 1 k d r a i n - s o u r c e o n r e s i s t a n c e g a t e t h r e s h o l d v o l t a g e o u t p u t c h a r a c t e r i s t i c s t y p i c a l o p e r a t i n g c h a r a c t e r i s t i c s ( c o n t . ) g a t e - s o u r c e o n r e s i s t a n c e r ds(on) - on - resistance (m w ) i d - d r a i n c u r r e n t ( a ) v d s - d r a i n - s o u r c e v o l t a g e ( v ) i d - drain current (a) t j - j u n c t i o n t e m p e r a t u r e ( c ) r ds(on) - on - resistance (m w ) normalized threshold voltage v gs - gate - source voltage (v) 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0 5 10 15 20 25 30 35 40 3v 3.5v 4v v gs = 4.5,5,6,7,8,9,10v 0 5 10 15 20 25 30 35 40 6 9 12 15 18 21 24 27 30 v gs =5v v gs =10v -50 -25 0 25 50 75 100 125 150 0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 i ds = 250 m a 2 3 4 5 6 7 8 9 10 8 12 16 20 24 28 32 36 40 i ds =9a
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - o c t . , 2 0 0 9 w w w . a n p e c . c o m . t w 6 a p m 4 1 0 1 k d r a i n - s o u r c e o n r e s i s t a n c e s o u r c e - d r a i n d i o d e f o r w a r d c a p a c i t a n c e g a t e c h a r g e t y p i c a l o p e r a t i n g c h a r a c t e r i s t i c s ( c o n t . ) normalized on resistance t j - j u n c t i o n t e m p e r a t u r e ( c ) v s d - s o u r c e - d r a i n v o l t a g e ( v ) i s - source current (a) v d s - d r a i n - s o u r c e v o l t a g e ( v ) c - capacitance (pf) q g - g a t e c h a r g e ( n c ) v gs - gate - source voltage (v) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0.1 1 10 40 t j =150 o c t j =25 o c 0 5 10 15 20 25 30 0 300 600 900 1200 1500 1800 2100 frequency=1mhz crss coss ciss 0 5 10 15 20 25 30 0 1 2 3 4 5 6 7 8 9 10 v ds =20v i d = 9a -50 -25 0 25 50 75 100 125 150 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 r on @t j =25 o c: 12m w v gs = 10v i ds = 9a
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - o c t . , 2 0 0 9 w w w . a n p e c . c o m . t w 7 a p m 4 1 0 1 k p a c k a g e i n f o r m a t i o n s o p - 8 a a 1 a 2 l view a 0 . 2 5 seating plane gauge plane note: 1. follow jedec ms-012 aa. 2. dimension ? d ? does not include mold flash, protrusions or gate burrs. mold flash, protrusion or gate burrs shall not exceed 6 mil per side. 3. dimension ? e ? does not include inter-lead flash or protrusions. inter-lead flash and protrusions shall not exceed 10 mil per side. s y m b o l min. max. 1.75 0.10 0.17 0.25 0.25 a a1 c d e e1 e h l millimeters b 0.31 0.51 sop-8 0.25 0.50 0.40 1.27 min. max. inches 0.069 0.004 0.012 0.020 0.007 0.010 0.010 0.020 0.016 0.050 0 0.010 1.27 bsc 0.050 bsc a2 1.25 0.049 0 8 0 8 3.80 5.80 4.80 4.00 6.20 5.00 0.189 0.197 0.228 0.244 0.150 0.157 d e e e 1 b see view a c h x 4 5 -t- seating plane < 4 mils
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - o c t . , 2 0 0 9 w w w . a n p e c . c o m . t w 8 a p m 4 1 0 1 k c a r r i e r t a p e & r e e l d i m e n s i o n s h t1 a d a e 1 a b w f t p0 od0 b a0 p2 k0 b 0 section b-b section a-a od1 p1 d e v i c e s p e r u n i t package type unit quantity sop - 8 tape & reel 2500 application a h t1 c d d w e1 f 330.0 ? 2.00 50 min. 12.4+2.00 - 0.00 13.0+0.50 - 0.20 1.5 min. 20.2 min. 12.0 ? 0.30 1.75 ? 0.10 5.5 ? 0.05 p 0 p1 p 2 d 0 d1 t a 0 b 0 k 0 sop - 8 4.0 ? 0.10 8.0 ? 0.10 2.0 ? 0.05 1.5+0.10 - 0.00 1.5 min. 0.6+0.00 - 0.40 6.40 ? 0.20 5.20 ? 0.20 2.10 ? 0.20 (mm)
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - o c t . , 2 0 0 9 w w w . a n p e c . c o m . t w 9 a p m 4 1 0 1 k t a p i n g d i r e c t i o n i n f o r m a t i o n s o p - 8 user direction of feed c l a s s i f i c a t i o n p r o f i l e
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - o c t . , 2 0 0 9 w w w . a n p e c . c o m . t w 1 0 a p m 4 1 0 1 k profile feature sn - pb eutectic assembly pb - free assembly preheat & soak temperature min (t smin ) temperature max (t smax ) time (t smin to t smax ) ( t s ) 100 c 150 c 60 - 120 seconds 150 c 200 c 60 - 1 2 0 seconds average ramp - up rate (t smax to t p ) 3 c/second ma x. 3 c/second max. liquidous temperature ( t l ) time at l iquidous (t l ) 183 c 60 - 150 seconds 217 c 60 - 150 seconds peak package body temperature (t p ) * see classification temp in table 1 see classification temp in table 2 time (t p ) ** within 5 c of the spec ified c lassification t emperature ( t c ) 2 0 ** seconds 3 0 ** seconds average r amp - down rate (t p to t smax ) 6 c/second max. 6 c/second max. time 25 c to p eak t emperature 6 minutes max. 8 minutes max. * tolerance for peak profile temperature (t p ) is defined a s a supplier minimum and a user maximum. ** tolerance for time at peak profile temperature (t p ) is defined as a supplier minimum and a user maximum. c l a s s i f i c a t i o n r e f l o w p r o f i l e s table 2. pb - free process ? classification temperatures (tc) package thickness volume mm 3 <350 volume mm 3 350 - 2000 volume mm 3 >2000 <1.6 mm 260 c 260 c 260 c 1.6 mm ? 2.5 mm 260 c 250 c 245 c 3 2.5 mm 250 c 245 c 245 c table 1. snpb eutectic process ? classification temperatures (tc) package thickness volume mm 3 <350 volume mm 3 3 350 <2.5 mm 235 c 22 0 c 3 2.5 mm 220 c 220 c r e l i a b i l i t y t e s t p r o g r a m test item method description solderability jesd - 22, b102 5 sec, 245 c holt jesd - 22, a108 1000 hrs, bias @ 125 c pct jesd - 22, a102 168 hrs, 100 % rh, 2atm , 121 c tct jesd - 22, a104 500 cycles, - 65 c~150 c
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - o c t . , 2 0 0 9 w w w . a n p e c . c o m . t w 1 1 a p m 4 1 0 1 k c u s t o m e r s e r v i c e anpec electronics corp. head office : no.6, dusing 1st road, sbip, hsin-chu, taiwan, r.o.c. tel : 886-3-5642000 fax : 886-3-5642050 taipei branch : 2f, no. 11, lane 218, sec 2 jhongsing rd., sindain city, taipei county 23146, taiwan tel : 886-2-2910-3838 fax : 886-2-2917-3838


▲Up To Search▲   

 
Price & Availability of APM4101KC-TRG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X